Part Number Hot Search : 
S3251 MDP45 07D241K 70ZFP A1SICW D1713 NTE3302 CMHZ4685
Product Description
Full Text Search
 

To Download GS05E-USB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?e?e ?e ?e ?e ?e ?e ?e ?e ?e ?e ?e universal ac input / full range no load power consumption <0.3w compact size erp step2 compliant 2 pole euro plug class power (without earth pin) protections: short circuit / overload / over voltage / over temperature pass lps 100% full load burn-in test fully enclosed plastic case low cost, high reliability 2 years warranty ii specification model no. dc voltage note.2 rated current current range rated power ripple & noise (max.) note.3 output setup, rise, hold up time voltage range frequency range efficiency (typ.) note.7 ac current input environment inrush current (max.) leakage current(max.) safety standards safety & emc (note. 8) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection 5v GS05E-USB 1.00a 0 ~ 1.00a 5w 80mvp-p voltage tolerance note.4 line regulation note.5 load regulation note.6 ? 4.0% ? 4.0% ? 1.0% 300ms, 20ms, 50ms at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 71% 0.15a / 100vac 30a / 230vac 0.25ma / 240vac tuv en60950-1 approved withstand voltage isolation resistance i/p-o/p:4242vdc i/p-o/p:100m ohms / 500vdc / 25 / 70% rh j 1100khrs min. mil-hdbk-217f(25 ) j -20 ~ +50 (refer to "derating curve") j 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh j ? j j 0.03% / (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 41.54*30.5*20mm (l*w*h) 60g dc output connector usb type a 1.all parameters are specified at 230vac input, rated load, 25 70% rh ambi ent. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerance: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 0% to 100% rated load 7.efficiency is measured at 230vac. 8.the power supply is considered as an independent unit, but the final equi pment still need to re-confirm that the whole system complies with the emc directives. j ?? features : compliance to en55022 class b, en61000-3-2,3 overload over voltage 105 ~ 135% rated output voltage power protection type : hiccup mode, recovers automatically after fault con dition is removed protection type : hiccup mode, recovers automatically after fault con dition is removed 105 ~ 200% rated output voltage, detect on main control ic 5w ac-dc single output wall-mounted type g s 0 5 e - u s b u1 tj 142 typically (u1) detect on main control ic j protection type : shut down o/p voltage, recovers automatically after t emperature goes down over temperature file name:GS05E-USB-spec 2012-10-01 compliance to en61000-4-2,3,4,5,6,8,11, light industry level, c riteria a emc immunity emc emission
mechanical specification derating curve file name:GS05E-USB-spec 2012-10-01 unit:mm - + usb type a 18.07 30.5 18.2 20 30.5 41.54 14 ta ( ) j load (%) -20 10 20 30 50 40 60 100 static characteristics 5w ac-dc single output wall-mounted type g s 0 5 e - u s b input voltage (vac) 60hz 90 100 95 120 110 160 140 200 180 240 220 264 load (%) 90 100 80 70 60 50 40 12 3 4 -v n.c n.c +v
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: mean well: ? GS05E-USB


▲Up To Search▲   

 
Price & Availability of GS05E-USB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X